Part Number Hot Search : 
A1215 AD5801 CA3080AM 0M27B RB050 TF01N R65C22J3 42225
Product Description
Full Text Search
 

To Download 2SD886-TO-126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-126 Plastic-Encapsulate Transistors
2SD886
TRANSISTOR (NPN) TO--126
FEATURES Power dissipation PCM: 1 W (Tamb=25)
1. EMITTER 2. COLLECTOR 3. BASE
Collector current 3 A ICM: Collector-base voltage 50 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance VCE(sat) VBE(sat) VCE=2V, IC=1A IC=2A, IB=200mA IC=2A, IB=200mA
123
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=100A, IE=0 Ic=5mA, IB=0 IE=100A, IC=0 VCB=50V, IE=0 VEB=3V, IC=0 VCE=2V, IC=20mA
50 50 5 1 1 100 100 400 0.5 2 80 45
A A
V V MHz pF
fT
Cob
VCE=5V, IC=100mA VCB=10V, IE=0, f=1MHz
Typical Characteristics
2SD886


▲Up To Search▲   

 
Price & Availability of 2SD886-TO-126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X